Part Number Hot Search : 
KBPC2506 04K13 03XXX 08500 STPR162 08500 FR40MR05 100M63
Product Description
Full Text Search
 

To Download 72XTR5KLF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MODEL 68
3/8" Square Multiturn Cermet Trimming Potentiometer
ELECTRICAL
1
Standard Resistance Range, Ohms Standard Resistance Tolerance Input Voltage, Maximum Slider Current, Maximum Power Rating, Watts End Resistance, Maximum Actual Electrical Travel, Turns, Nominal Dielectric Strength Insulation Resistance, Minimum Resolution Contact Resistance Variation, Maximum
ENVIRONMENTAL
10 to 2Meg 10% (<100 Ohms = 20%) 200 Vdc or rms not to exceed power rating 100mA or within rated power, whichever is less 0.5 at 85C derating to 0 at 125C 2 Ohms 20 900 Vrms 1,000 Megohms Essentially infinite 1% or 1 Ohm, whichever is greater
Seal Temperature Coefficient, Maximum Temperature Range Thermal Shock Moisture Resistance Shock, 6ms Sawtooth Vibration High Temperature Exposure Rotational Life Load Life at 0.5 Watts Resistance to Solder Heat
MECHANICAL
85C Fluorinert(R) (No Leaks) 100ppm/C -55C to +125C 5 cycles, -55C to +125C (1% RT, 1% VR) Ten 24 hour cycles (1% RT, IR 1,000 Megohms min.) 100G's (1% RT, 1% VR) 20G's, 10 to 2,000 Hz (1% RT, 1% VR) 250 hours at 125C (2% RT, 2% VR) 200 cycles (3% RT) 1,000 hours at 70C (2% RT) 260C for 10 sec. (1% RT)
Mechanical Stops Torque, Starting Maximum Weight, Nominal
Fluorinert(R) is a registered trademark of 3M Company. Specifications subject to change without notice.
Clutch Action, both ends 5 oz.-in. (0.035 N-m) .04 oz. (1.13 grams)
1-51
Model 68
TOP ADJUSTMENT (Inch/mm)
Model 68W .245 Max. 6.22
.375 .015 9.53 0.38
.15 .02 3.8 0.5
Schematic Diagram This Surface .062 .015 1.58 0.38
Metal Adjustment Screw .090/2.29 Dia. With .020/0.51 Wide X .025/0.64 Min. Depth
.12 .02 3.1 0.5
.060 .015 1.52 0.38
.015 0.38
.375 .015 9.53 0.38 Standard Marking This Surface .18 Min. 4.6 (3) (2) (1)
.020 .003 Dia. 0.51 0.08 Terminal Pins (3)
.045 .015 1.14 0.38 .10 2.5 .10 2.5 .187 .015 4.75 0.38
SIDE ADJUSTMENT (Inch/mm)
Model 68P .245 6.22 Max. Schematic Diagram This Surface .18 4.6 Min. Standoff (3) (2) Metal Adjustment Screw .090/2.29 Dia. With .020/0.51 Wide X .025/0.64 Min. Depth (1) .03 Max. 0.8 Meniscus (Typ) .060 .015 1.524 0.38 .10 2.5 .375 .015 9.53 0.38 (3) (2) .12 .02 3.1 0.5 (1) .10 2.5 .10 2.5
.015 .002 Min. 0.38 0.05
.187 .015 4.75 0.38
.020 .003 Dia. 0.51 0.08 Terminal Pins (3)
.375 .015 9.53 0.38
.187 .015 4.75 0.38 Standard Marking This Surface
.19 .02 4.8 0.5
1-52
Model 68
SIDE ADJUSTMENT (Inch/mm)
1
Model 68X .15 .02 3.8 0.5 .375 .015 9.53 0.38 .245 Max. 6.22 Metal Adjustment Screw .090/2.29 Dia. With .020/0.51 Wide X .025/0.64 Min. Depth
Schematic Diagram This Surface
Standard Marking This Surface
.32 .02 8.1 0.5
.375 .015 9.53 0.38
.020 .003 Dia. 0.51 0.08 Terminal Pins (3)
.18 Min. 4.6 (3) (2) (1)
.060 .015 1.524 0.38 .045 .015 1.14 0.38 .10 2.5 .187 .015 4.75 0.38 .10 2.5
STANDARD RESISTANCE VALUES, OHMS
10 20 50 100
CIRCUIT DIAGRAM
200 500 1K 2K
5K 10K 20K 25K
NOTES
50K 100K 200K 250K
500K 1Meg 2Meg
(2) (1) CW (3)
Metric equivalents, based on 1 inch = 25.4mm are rounded to the same number of significant figures as in the original English units and are provided for general information only. Tolerances unless otherwise specified: Linear = .01 inches (.25mm) Angular = 2 degrees
INCH mm
1-53
Model 68
PACKAGING
Standard:
Boxes Capacity = = 100 Units (68W) 50 Units (All other styles)
Option:
Tubes All units oriented with #1 pin to same side. Pin Style Magazine Width Height Length Capacity P 0.57" 0.66" 20.9" 50 Units W 0.33" 0.90" 20.4" 50 Units X 0.33" 0.90" 24.4" 50 Units
= = = =
Option:
Tape & Reel, Ammo Pack (Available only for 68W and 68X) All units oriented with #1 pin to the right of the direction of feed. Seat Plane to Centerline of Sprocket Hole Width Sprocket Capacity Diameter Tape Fold Box
Tape
Reel Ammo
= = = = = = =
.71" (18.03 mm) 18 mm Single Hole .50" spacing 1,000 Units 14" (356 mm) 12" (305 mm) 1.8" x 13" x 10" (46mm x 330mm x 254mm)
ORDERING INFORMATION
Standard: Model Series Pin Style Option: Pin Style
68 P R 10K LF RoHS Compliant Product Code - Optional Resistance Value Resistance Prefix 68 W R 10K LF TB Packaging Option: TB = Tubes (Pin styles P, W, X) 68 W F R 10K LF TR Pin Style Pin Style Suffix: (Used with AP and TR packaging options. Applicable to pin styles W & X only. "F" designates 0.70" lead length.) Packaging Option: AP = Ammo pack TR = Tape & Reel (Pin styles W, X only)
Option:
1-54
Model 68


▲Up To Search▲   

 
Price & Availability of 72XTR5KLF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X